bc pro 1400va tower standby 120v ups with usb port model number: BCPRO1400 description tripp lite's BCPRO1400 standby ups offers ac surge suppression and long lasting battery support for desktop pcs, network workstations and a wide variety of consumer and professional electronics. uninterruptible power supply / ups circuits switch to battery backup mode within milliseconds to keep connected equipment running without interruption or data loss during power failures, brownouts and overvoltages. ac surge suppression prevents connected equipment damage. usb communications port supports full featured monitoring and data-saving auto-shutdown options using tripp lite's free poweralert monitoring software. features BCPRO1400 tower 120v standby ups offers ac power protection from blackouts, brownouts, overvoltages and transient surges 1400va / 940 watt ups output capacity uninterruptible power supply / ups operation maintains battery-derived ac output during blackouts, brownouts and overvoltages to prevent data loss and system downtime for connected equipment built-in usb port enables data-saving unattended shutdown when used with tripp lite's poweralert software, available via free download from www.tripplite.com 8 minutes runtime at 100% load (940 watts), 24 minutes runtime at 50% load (470 watts) 155 minutes runtime for a desktop computer system consuming 80 watts continuous 6 built-in nema 5-15r ups supported outlets nema 5-15p input connection with 6ft / 1.8m line cord network grade ac surge and lightning protection is available from all outlets 96% line mode efficiency rating uses less energy and btu emissions front panel leds indicate line / battery mode, low battery, replace battery status; audible alarm with alarm cancel / self-test button hot swappable user battery replacement optional pdub15 bypass pdu enables hot-swappable ups replacement with no disruption to connected equipment tower housing supports desk or floor placement specifications highlights 1400va / 1.4kva tower 120v standby ups maintains ac output during power failures usb port, front panel status leds, 96% efficient nema 5-15p input plug and 6 nema 5-15r outlets package includes BCPRO1400 ups system usb cable instruction manual 1 / 4
output output volt amp capacity (va) 1400 output kva capacity (kva) 1.4 output watt capacity (watts) 940 nominal output voltage(s) supported 115v; 120v frequency compatibility 60 hz output voltage regulation (battery mode) 115v (+/- 5%) ups output receptacles 6 5-15r outlet(s) hot-swap pdu options pdub15 (2u / 8 5-15r outlets) output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (maximum load) 9.2a nominal input voltage(s) supported 120v ac ups input connection type 5-15p input circuit breakers 15a ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v input cord length (ft.) 6 input cord length (m) 1.8 input phase single-phase battery full load runtime (min.) 8 min. (940w) half load runtime (min.) 24 min. (470w) dc system voltage (vdc) 36 battery recharge rate (included batteries) less than 4 hours from 10% to 90% internal ups replacement battery cartridge rbc53 battery access battery access door battery replacement description hot-swappable, user replaceable batteries 2 / 4
leds alarms & switches led indicators 5 leds indicate line power, battery power, battery low/replace and overload status audible alarm audible alarm indicates power-failure and low-battery conditions alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status switches 2 switches control off/on power status and alarm-cancel/self-test operation surge / noise suppression ups ac suppression joule rating 510 ups ac suppression response time instantaneous emi / rfi ac noise suppression yes ac suppression joule rating 510 ac suppression response time instantaneous physical installation form factors supported with included accessories tower installation form factors supported with optional accessories wallmount (upswm - tower mounting kit) primary form factor tower ups power module dimensions (hwd, in.) 12.8 x 7.5 x 9 ups power module dimensions (hwd, cm) 32.4 x 19 x 22.9 ups power module weight (lbs.) 36.4 ups power module weight (kg) 16.5 ups shipping dimensions (hwd / in.) 16.5 x 11.5 x 13 ups shipping dimensions (hwd / cm) 41.9 x 29.2 x 33 shipping weight (lbs.) 42 shipping weight (kg) 19.1 ups housing material polycarbonate environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 133.2 3 / 4
battery mode btu / hr. (full load) 435.8 ac mode efficiency rating (100% load) 96% communications communications interface usb poweralert software free download from www.tripplite.com communications cable usb interface cable included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 99 high voltage transfer to battery power (setpoint) 143 special features cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features hot swappable batteries green energy-saving features greater than 95% efficiency - green ups certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category b (emi) warranty product warranty period (worldwide) 2-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $200,000 ultimate lifetime insurance ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 4 / 4
|